Part Number Hot Search : 
STUB027 10E201K MAZM120H 25SB80 D4168C ISL6172 00221 TGA2214
Product Description
Full Text Search
 

To Download 1N5399 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DC COMPONENTS CO., LTD.
R
1N5391 THRU 1N5399
RECTIFIER SPECIALISTS
TECHNICAL SPECIFICATIONS OF SILICON RECTIFIER
VOLTAGE RANGE - 50 to 1000 Volts CURRENT - 1.5 Amperes
FEATURES
* * * * Low cost Low leakage Low forward voltage drop High current capability
DO-15
MECHANICAL DATA
* * * * * * Case: Molded plastic Epoxy: UL 94V-0 rate flame retardant Lead: MIL-STD-202E, Method 208 guaranteed Polarity: Color band denotes cathode end Mounting position: Any Weight: 0.38 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 o C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20%. Dimensions in inches and (millimeters)
SYMBOL Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current .375*(9.5mm) lead length at T L = 70oC Peak Forward Surge Current 8.3 ms single half sine-wave superimposed on rated load (JEDEC Method) Maximum Instantaneous Forward Voltage at 1.5A DC Maximum DC Reverse Current @TA = 25 oC at Rated DC Blocking Voltage @TA = 100 o C Maximum Full Load Reverse Current Average, Full Cycle .375*(9.5mm) lead length at T L = 75oC Typical Junction Capacitance (Note) Typical Thermal Resistance Operating and Storage Temperature Range NOTES : Measured at 1 MHZ and applied reverse voltage of 4.0 volts VRRM VRMS VDC IO IFSM VF
1N5391 1N5392 1N5393 1N5395 1N5397 1N5398 1N5399 UNITS 50 35 50 100 70 100 200 140 200 400 280 400 1.5 50 1.4 5.0 500 30 600 420 600 800 560 800 1000 700 1000 Volts Volts Volts Amps Amps Volts uAmps uAmps pF
0
IR
CJ R JA TJ, TSTG
20 50 -65 to + 175
C/ W 0 C
108
EXIT BACK NEXT EXI BACK EXIT NEXT BACK NEXT
RATING AND CHARACTERISTIC CURVES (1N5391 THRU 1N5399)
DC COMPONENTS CO., LTD.
R
109
NEXT EXIT BACK NEXT EXI BACK EXIT NEXT BACK


▲Up To Search▲   

 
Price & Availability of 1N5399

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X